Part Number Hot Search : 
2412SE C74VH PM439 20121 TFH167A AT89C5 287RF MOC3083
Product Description
Full Text Search
 

To Download RW1NT103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RW
coat insulated miniature precision power wirewound resistors
EU
features * Resistors meeting MIL-R-26E (U and V characteristics) and surface temperature (hot spot) 350C max. * Resistors with a wide range of 0.1 ~ 62k, covering applications from precision to power * RW N type resistors are non-inductive wound and can be used in high frequency applications. * Marking: Black body color with alpha-numeric marking * Products with lead-free terminations meet EU RoHS and China RoHS requirements
dimensions and construction
l D L Ceramic Core l t d Type RW1/2, RW1/2N RW1, RW1N RW2, RW2N Insulation Coating Resistive Wire Electrode Lead Cap Wire RW3, RW3N RW5, RW5N RW7, RW7N RW10, RW10N L .315.039 (8.01.0) Dimensions inches (mm) D d (nom.) .138 -0 (1.6+1.0) -0
+.039
l
.413.039 .106.039 (10.51.0) (2.71.0) .512.039 .205.039 (13.01.0) (5.21.0) .650.039 .252.039 (16.51.0) (6.41.0) .866.039 (221.0) .307.059 1.24.039 (7.81.5) (31.51.0) 1.81.059 .366.089 (46.01.5) (9.31.5)
.020 (0.5) .031 (0.8) 1.50.118 (38.03.0) .039 (1.0)
ordering information
Pb Free Type RW Type 1/2 Power Rating 1/2: 0.5W 1: 1W 2: 2W 3: 3W 5: 5W 7: 7W 10: 10W N Winding Method Nil: Standard winding N: Non-inductive winding T Termination Material T: Sn 103 Nominal Resistance 3%, 5%: 2 significant figures + 1 multiplier "R" indicates decimal on value <10 0.5%, 1%: 3 significant figures + 1 multiplier "R" indicates decimal on value <100 J Tolerance D: 0.5% F: 1% H: 3% J: 5%
Packaging quantity: RW1/2 ~ RW1: 1,000 pieces RW2 ~ RW7: 500 pieces RW10: 300 pieces
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/19/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
131
resistors
RW
resistors
coat insulated miniature precision power wirewound resistors applications and ratings
Part Designation RW1/2 RW1/2N RW1 RW1N RW2 RW2N RW3 RW3N RW5 RW5N RW7 RW7N RW10 RW10N Power Rating U 0.5W 1.0W 2.0W 3.0W 5.0W V -- -- 3.0W 5.0W 7.0W D0.5% (E96) 10 - 2.61k -- 1 - 5.11k -- 1 - 10k -- 1 - 15k -- 1 - 30.1k -- 1 - 45.3k -- 1 - 60.4k -- Resistance Range () F1% (E96) 10 - 2.61k 10 - 2.37k 1 - 5.11k 10 - 3.74k 1 - 10k 15 - 10k 1 - 15k 15 - 15k 1 - 30.1k 20 - 29.4k 1 - 45.3k 36 - 44.2k 1 - 60.4k 62 - 49.9k H3% (E24) 0.47 - 2.7k 10 - 2.4k 0.1 - 5.1k 10 - 3.6k 0.1 - 10k 10 - 10k 0.1 - 15k 15 - 15k 0.1 - 30k 20 - 30k 0.1 - 47k 36 - 43k 0.1 - 62k 62 - 51k J5% (E24) 0.47 - 2.7k 10 - 2.4k 0.1 - 5.1k 10 - 3.6k 0.1 - 10k 10 - 10k 0.1 - 15k 15 - 15k 0.1 - 30k 20 - 30k 0.1 - 47k 36 - 43k 0.1 - 62k 62 - 51k 20:R10 50:1R <10 90:R<1 400V 700V T.C.R. (ppm/C) Max. Working Voltage 80V 130V 140V 200V Max. Overload Voltage 150V 300V
500V 600V
7.0W 10W
10W 14W
600V 1000V
800V 1500V
Operating Temperature Range: Characteristic U: -55C ~ +275C, V: -55C ~ +350C
environmental applications Derating Curve
100 % Rated Power 80 60 40 20 0 -100 -50 -55 0 25 Ambient Temperature (C) 50 100 150 200 250 300 275 350
Temperature Rise (C)
Surface Temperature Rise
350 300 250 200 150 100 50 0 RW7, RW10 RW2 RW1/2, RW1, RW3, RW5
Frequency Characteristics
1000
RW1
800
U
V
Resistance ()
600
RW1N
400
RW1
200
0
40
80
120
160
200
0
% Rated Power
RW1N RW1 RW1N
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Moisture Resistance Endurance @ 25C Requirement R (% + 0.05) Within regulated tolerance Within specified T.C.R. 0.2: U 2: V 0.1 0.2: U 2: V 0.5: U 3: V 0.2: U 2: V 25C U: +25C/-55C, +25C/+125C and +25C/+275C V: +25C/-55C, +25C/+125C and +25C/+350C Rated power x 5 or Max. overload voltage, whichever is lower for 5 seconds Rated power x 10 or Max. overload voltage, whichever is lower for 5 seconds 350C 10C, 3 seconds 0.5 seconds or 260C 5C, 10 seconds 1 second Power rating x 1/10, 40C, 90 - 95% RH, 1000 hours, 1.5 hr ON/0.5 hr OFF cycle 25C, 2000 hours 1.5 hr ON/0.5 hr OFF cycle 275+5 C, 250 hours -0 350+5 C, 250 hours -0
11/19/08
Test Method
High Temperature Exposure
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
132
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com


▲Up To Search▲   

 
Price & Availability of RW1NT103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X